PART |
Description |
Maker |
IXTM75N10 IXTH75N10 IXTH67N10 IXTM67N10 IXTM75N100 |
MegaMOSFET Receiver IC; Supply Voltage:5V; Package/Case:28-SOIC; Interface Type:Serial; Leaded Process Compatible:No; No. of Channels:7; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V; Mounting Type:Surface Mount RoHS Compliant: No Receiver IC; Package/Case:28-TSSOP; Current Rating:2.8mA; Interface Type:Serial; Leaded Process Compatible:No; Peak Reflow Compatible (260 C):No; Supply Voltage Max:5V; Mounting Type:Surface Mount; Voltage Rating:3.3V RoHS Compliant: No 32-Bit Microcontroller IC; Controller Family/Series:(ARM9); Memory Size, RAM:16MB; No. of I/O Pins:24; No. of PWM Channels:1; Clock Speed:200MHz; Interface:AC97, I2S, SPI, UART, USB; Package/Case:208-LQFP; A/D Converter:12 Bits RoHS Compliant: Yes IC ARM920T MCU 200MHZ 272-TFBGA 1000V HiPerFET power MOSFET
|
JFETs IXYS[IXYS Corporation]
|
ICS950810 ICS950810YFLF-T ICS950810YGLF-T |
200 MHz, PROC SPECIFIC CLOCK GENERATOR, PDSO56 High-Voltage, High-Current Darlington Arrays, 18-pin DIP Frequency Generator with 200MHz Differential CPU Clocks
|
ICST[Integrated Circuit Systems]
|
ZM33164-3 ZM331643C ZM331643G ZM331643N8 ZM33164-3 |
IC-SM-SUPPLY MONITOR SOT223 集成电路钐电源监视器的SOT223 SUPPLY VOLTAGE MONITOR 1-CHANNEL POWER SUPPLY SUPPORT CKT, PDSO8 IC-SUPPLY MONITOR 集成电路电源监视 SUPPLY VOLTAGE MONITOR 电源电压监视 IC-SM-SUPPLY MONITOR 集成电路钐电源监视器
|
Zetex Semiconductor PLC Zetex Semiconductors
|
R2005350L |
Si Reverse, low current, 5 - 200MHz, 35.2dB typ. Gain @ 200MHz, 140mA max. @ 24VDC
|
PDI[PREMIER DEVICES, INC.]
|
ISL59837IAZ-T7 ISL59837IAZ ISL59837 |
200MHz Single Supply Video Driver With Charge Pump and Power Down
|
Intersil Corporation
|
HA-2640 HA-2645 |
Op Amp, 4MHz, High Supply Voltage, 4mV Max Offset Voltage Op Amp, 4MHz, High Supply Voltage, 6mV Max Offset Voltage
|
Intersil
|
TS836-4I 6127 TS836 TS836-4IZ TS836-4ID |
From old datasheet system MICROPOWER VOLTAGE SUPERVISOR RESET ACTIVE HIGH IC-SUPPLY MONITOR IC-SM-SUPPLY MONITOR
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics] 意法半导
|
TML15212 TML05112 TML15105 TML15124 TML05205 TML10 |
Encapsulated Power Supply 15 Watt, input voltage range: 85-264V, output voltage /-12V ( /-650mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-15V (2000/ /-150mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 12V (2500mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 15V (2000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-5V ( /-3000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 15V (1000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-5V ( /-1500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 12V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage /-12V ( /-1300mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 24V (1250mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 5V (6000mA), encapsulated power supply 30 Watt, input voltage range: 85-264V, output voltage 3.3V (6000mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 5/ /-12V (2000/ /-200mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage /-15V ( /-500mA), encapsulated power supply 15 Watt, input voltage range: 85-264V, output voltage 24V (625mA), encapsulated power supply
|
TRACOPOWER[TRACO Electronic AG] TRACO[Traco Electronic AG]
|
2SC3803 |
High Transition Frequency: fT = 200MHz(typ.) Complementary to 2SA1483
|
TY Semiconductor Co., Ltd
|
MAX445 MAX445CPG MAX445C_D MAX445C/D |
Low-Cost, High-Resolution, 200MHz Video CRT Driver Low-Cost / High-Resolution / 200MHz Video CRT Driver
|
Maxim Integrated Products, Inc. MAXIM[Maxim Integrated Products] MAXIM - Dallas Semiconductor
|
|